PART |
Description |
Maker |
M5003_0611 M5003 M500310R1DK M500310R1DK-R M500310 |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPVCXO
|
MTRONPTI[MTRONPTI]
|
M500266RDK M500266RDK-R M500226RDK M500226RDK-R M5 |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
MTRONPTI[MTRONPTI]
|
M500166RDK M500166RDK-R M500126RDK M500126RDK-R M5 |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPXO
|
MTRONPTI[MTRONPTI]
|
M500310R2DK-R M500310R2PK M500310T1DK M500310R1DK |
9x16 mm FR-4, 3.3 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 4.3伏,路CMOS / TTL / PECL LVDS的,HPVCXO
|
MtronPTI
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
IDT72V36104 IDT72V36103 IDT72V3694 IDT72V3693 |
3.3 VOLT CMOS SyncBiFIFO? 3.3 VOLT CMOS SyncFIFO?
|
IDT
|
74LCX646 74LCX646RM13TR 74LCX64604 |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
FAN2508 FAN2509S25 FAN2509S30 FAN2509S285 FAN2508X |
50 mA CMOS LDO Regulators VOLT REGULATOR|FIXED| 2.5V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.85V|CMOS|TSOP|6PIN|PLASTIC
|
Fairchild Semiconductor
|